Part Number Hot Search : 
1M4738A M25PX32 74HCT3 55473 FR230 206L02 1N5378B CD54A
Product Description
Full Text Search
 

To Download SB2207390KL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 1
SMD POWER INDUCTOR CONFIGURATION & DIMENSIONS
A
ABC'S DWG NO. ABC'S ITEM NO.
SB2207L-
Marking
dot is start winding & Inductance code
101
A : 22.0 0.3 B : 15.0 0.3 B C: E: F: C 7.0 0.4 2.3 typ. 8.0 typ. 27.5 9.10 D : 15.0 typ.
m/m m/m m/m m/m m/m m/m
E
D
E 9.0
9.20
9.20 14.8
F
4.0
13.5 21.5
4.0
SCHEMATIC DIAGRAM
( PCB Pattern )
MATERIALS
a Core Ferrite DR core b d Wire Enamelled copper wire Adhesive Epoxy resin class F d c e c Base Hitachi phenolic CP-J-8700 e Terminal Cu/Sn f Remark Products comply with RoHS' requirements
250 Peak Temp 260 max. Max time above 230 50sec max. Max time above 200 70sec max.
Temperature Rising Area +4.0 / sec max.
a b
Preheat Area 150 ~ 200 / 60 ~ 120sec
Reflow Area +2.0 ~ 4.0 / sec max.
Forced Cooling Area -(1.0 ~ 5.0) / sec max.
Peak Temperature: 260 50sec max. 230
GENERAL SPECIFICATION
a Temp. rise b d 40 max. -40 -40 ~ +125 ~ +105 260 . 10 secs. Storage temp.
200 150
70sec max.
Temperature (
)
100 50
c Operating temp.
Resistance to solder heat
0
50
100
150 Time ( seconds )
200
250
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME ABC'S DWG NO. PAGE: 2
SMD POWER INDUCTOR ELECTRICAL CHARACTERISTICS
DWG No. SB2207R80ML- SB22071R2ML- SB22071R8ML- SB22072R7ML- SB22073R3ML- SB22074R7ML- SB22075R6ML- SB22076R8ML- SB22078R2ML- SB2207100ML- SB2207120YL- SB2207150YL- SB2207180YL- SB2207220YL- SB2207270YL- SB2207330YL- SB2207390KL- SB2207470KL- SB2207560KL- SB2207680KL- SB2207820KL- SB2207101KL- 1). Packaging information... A Inductance (H) 0.1 V / 100 KHz 0.8020% 1.2020% 1.8020% 2.7020% 3.3020% 4.7020% 5.6020% 6.8020% 8.2020% 10.0020% 12.0015% 15.0015% 18.0015% 22.0015% 27.0015% 33.0015% 39.0010% 47.0010% 56.0010% 68.0010% 82.0010% 100.0010% Bulk B
SB2207L-
ABC'S ITEM NO.
RDC (m) 20% 2.3 3.2 4.5 7.0 7.8 8.8 12.4 14.2 15.5 17.2 23.6 28.8 33.0 39.4 43.5 58.4 65.0 91.2 96.5 112.0 144.0 168.0
Irms (A) max. T = 40 16.0 15.0 13.0 10.0 9.0 8.5 7.8 7.5 7.0 6.5 5.5 5.0 4.6 4.0 3.8 3.4 3.2 2.8 2.6 2.4 2.2 2.0
Isat (A) typ. L / LOA = 10% 35.0 30.0 25.0 20.0 17.0 15.0 14.0 12.0 11.0 10.0 9.5 9.0 8.0 6.5 6.0 5.5 5.2 5.0 4.5 4.0 3.5 3.0
2)."-
3). Irms base on Temp. rise 40 max. 4). Isat base on L/L0A=10% typ. 5). L,Q Test Frequency 100KHz / 0.1V
102 7 5 3 2 Inductance ( uH ) 101 7 5 3 2 100 7 5 3 2 10-1 10-1 2 3 5 7 100 23 5 7 101 DC Current ( A ) 2 3 5 7 102
Taping Reel
":Reference code
@ Inductance VS. DC Current Curve
101 390 102 7 5 3 2 101 7 5 3 2 100 7 5 3 2 10-1 10-1
@ DC Current VS. Temp. Rise Curve
101
330 100
3R3
R80
100
3R3
R80
2
3
5 7 100
2 3 5 7 101 DC Current (A)
2
3
5 7 102
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 3
SMD POWER INDUCTOR PACKAGING INFORMATION
ABC'S DWG NO. ABC'S ITEM NO.
SB2207L-
1. Configuration : T
Cover tape
2.00.5
A
B
C
C
N
G
Embossed carrier
Carrier tape width D P: 20m/m End 28m/m 4 m/m Start
Leader no component 200 m/m min.
Components User direction of feed
Trailer no component 400 m/m min.
2. Dimensions : (m/m) Style 13 - 32 A 330 B 210.8 C 130.5 D 32 G 34 +0 N -0 100 T 38.4
3. Q'TY & G.W. Per package : Series SB2207 Inner : Reel
Q'TY (pcs) G.W. (gw) Style Q'TY (pcs)
Outer : Carton
G.W. (kg) Size (cm)
250
1,250
13 - 32
1,000
6.8
40 x 40 x 24
AE-001A
D
101 101
101
101
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 4
SMD POWER INDUCTOR DWGING NUMBER EXPRESSION
ABC'S DWG NO. ABC'S ITEM NO.
SB2207L-
S
B
2
2
0
7 Reference code Appendix code 2 : Package Appendix code 1 : Classification Tolerance code Electrical code Dimension code Type code
Appendix code 1
Product Classification L Lead Free Standard products comply with RoHS' requirements Lead Free Special products comply with RoHS' requirements 1~9
Appendix code 2
Package Information
Code A B T.B.D.
Inner package
Inner package Q'TY T.B.D. 250 pcs
Remark
T / R ( Reel package )
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 5
SMD POWER INDUCTOR RELIABILITY TEST
Test item Specification More than 90% of the terminal electrode Shall be covered With fresh solder.
ABC'S DWG NO. ABC'S ITEM NO.
SB2207L-
Test condition Preheat : 15025 for 60 seconds Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent Solder temp. : 2355 Flux : Rosin Dip time : 41 seconds
Solderability
Thermal shock test ( Temp. cycle )
Inductance shall not change more than 20%
Room temp. 15 minutes Room temp. 15 minutes Total : 50 cycles
-252 30 minutes 852 30 minutes
Humidity Resistance test
Temperature : 402 Humidity : 90 ~ 95% Applied current : Per spec. Time : 500 hours
High temp. Resistance test
Temperature : 1052 Applied current : Per spec. Time : 500 hours
AE-001A
SPECIFICATION FOR APPROVAL
REF : PROD. NAME PAGE: 6
SMD POWER INDUCTOR UL CARD
OBMW2 Magnet Wire-Component
ABC'S DWG NO. ABC'S ITEM NO.
SB2207L-
September 8, 2000 E174837
JUNG SHING WIRE CO LTD 231 CHUNG CHENG RD, SEC 3 JEN-TEH HSIANG, TAINAN HSIEN TAIWAN
AIW CFUEWB EIAIW EILOCKY EILOCKW EIW EIW-2 FL.EILOCKY LSFFW LSUEW PEW PEY SF.FLW SF.EIW SF.BY@ SF.FLY@ SF.BLOCKBS SF.EILOCKY# SF.EILOCKBS SF.BW@ SFFW 287806002
Mtl Dsg
Mark Dsg ____
____ ____ ____ ____
Polyamideimide Polyurethane Polyesterimide Polyesterimide Polyesterimide Polyesterimide Polyesterimide Modified Polyester Polyurethane Polyurethane Polyester Polyester Modified Polyester Polyesterimide Modified Polyester Modified Polyester Modified Polyester Polyesterimide Polyesterimide Modified Polyester Polyurethane
BC
Coat Typ
____ ____ Polyamideimide Polyamide Modified Epoxy ____ ____ Polyamide ____ ____ ____ Nylon ____ ____ Nylon Nylon Modified Polyamide Polyamide Modified Polyamide ____
OC
MW81-C MW75C MW35C ___ ___ ___ MW74-C ___ MW79-C ___ ___ MW24-C MW26C MW77C MW27-C MW27-C ___ ___ ___ MW26C MW79
ANSI Type
Temp Class
220 130 200 180 200 220 200 155 155 130 155 155 155 180 155 155 155 180 180 155 155
____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____ ____
Page 1 of 2
A not-for-profit organization dedicated to public safety and committed to quality service
SFFY UEW-1 UEW-2 UEW-4 UEY UEY-2
Mtl Dsg
Mark Dsg ____
____ ____ ____ ____ ____
Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane Polyurethane
BC
Coat Typ
Polyamide ____ ____ ____ Nylon Polyamide
OC
MW80C MW2-C ___ MW75C MW28-C MW28-C
ANSI Type
Temp Class
155 105 130 130 130 130
@-May be suffixed by LZ; # - May be suffixed by LZ, EL or LZI. LZ - Signifies magned wires twisted together; EL - signifies base coated magnet wire laid parallel with top coat applied overall; LZL - signifies base coated magnet wire twisted together and covered with top coat overall. Marking: Company name or trademarks Recognized Component Mark. or , material designation or marked designation on packaed or reel, and
See General Information Preceding These Recognitions For use only in equipment where the acceptability of the combination is determined by Underwriters Laboratories Inc.
287806002
Page 2 of 2
OBMW2E174837 September 8 , 2000
QMFZ2
November 6, 1989 E42956 (R)
CP-J-8700
BK
0.48 0.76 1.60 3.12
94V-0 94V-0 94V-0 94V-0
150 150 150 150
150 150 150 150
150 150 150 150
2 2 0
1 1 1
0 0 0
4
3
418315008
N7047
R
AE-001A


▲Up To Search▲   

 
Price & Availability of SB2207390KL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X